Part Number Hot Search : 
RT1P136U DECODER GS150404 IRFU014 VA4ASG 66BGC ALZ12B48 MAX14801
Product Description
Full Text Search
 

To Download CDRH6D26 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER INDUCTORS (SMD Type)
SHIELDED TYPE / OUTLINE /
CDRH6D26
SMD type power inductors where by the electrode is attached to the ferrite core directly. They are also magnetically shielded to prevent noise radiation.
CDRH6D26
7.0MAX. 7.0M AX.
DIMENSIONS (mm)
LAND PATTERNS (mm)
CONSTRUCTION
9. 5M
2.8MAX.
AX .
7.3 6.6 7 .3 2 .0
o5 .4
2.0
*4
( 2.2H - 100H )
CDRH6D26
Parts No. 1R0 1R5 2R2 2R6 2R9 3R0 3R3 3R6 3R9 4R2 5R0 5R6 6R0 6R2 6R4 6R8 7R3 7R4 8R0 8R6 8R7 100 120 150 180 220 270 330 390 470 560 680 820 101 L (H) 1.0 1.5 2.2 2.6 2.9 3.0 3.3 3.6 3.9 4.2 5.0 5.6 6.0 6.2 6.4 6.8 7.3 7.4 8.0 8.6 8.7 10 12 15 18 22 27 33 39 47 56 68 82 100 71m( 52.8m) 78m( 57.4m) 106m( 78.6m) 114m( 84.2m) 129m( 95.4m) 185m(136.6m) 203m(150.2m) 223m(165.2m) 300m(221.6m) 340m(251.4m) 347m(257.0m) 490m(364.0m) 560m(414.8m) 1.50 1.30 1.20 1.10 1.00 900m 800m 750m 700m 650m 580m 530m 500m 60m( 44.0m) 1.60 54m( 40.0m) 1.80 29m( 21.3m) 2.50 25m( 18.7m) 2.80 22m( 16.2m) 3.20 D.C.R.( ) : Max.(Typ.) Temperature Rise Rated Current (A) * 4
Measuring Freq. (L) / L CDRH6D26 10 kHz
Tolerance of Inductance / CDRH6D26 2.2 H - 100 H 30%(N)
Rated Current / It is either the inductance is 35% lower than its nominal value in D.C. saturation characteristics or temperature raise becomes T=30 C (Ta=20 C), whichever is lower.
*4
65% T=30
(Ta=20)
32m( 23.4m) 36m( 26.5m)
2.20 2.00
About Lead-free products /
. . . .
Lead-free products are now available for sale To order a lead-free product, please add"NP" after the product type: "NP"
e.g. Ordering code of lead product: Type name-x Ordering code of lead-free product: Type name NPx
North America Tel:(1) 847 545-6700 Fax:(1) 847 545-6720 E-mail: sales@us.sumida.com h tt p :/ /www.sumida.com
Japan Tel:(81) 03 3667-3302 Fax:(81) 03 3667-3408 E-mail: sales@jp.sumida.com
Hong Kong Tel:(852) 2880-6688 Fax:(852) 2565-9600 E-mail: sales@hk.sumida.com
Taiwan Tel:(886) 2 2726-2177 Fax:(886) 2 2728-2726 E-mail: sales@tw.sumida.com
6.6
Singapore Tel:(65) 6296-3388 Fax:(65) 6296-3390 E-mail: sales@sg.sumida.com
Europe Tel:(32) 2673-9565 Fax:(32) 2672-0454 E-mail: sales@eu.sumida.com
Rev1.0 09/2004


▲Up To Search▲   

 
Price & Availability of CDRH6D26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X